Part Number Hot Search : 
NJW4801 EM78459 B66295 UTT60P03 ST7162N STB6NC80 ST62E25C EDZ22
Product Description
Full Text Search
 

To Download STP60NE03L-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STP60NE03L-12
N - CHANNEL 30V - 0.009 - 60A - T0-220 STripFETTM POWER MOSFET
T YPE STP60NE03L-12
s s s s s s s s
V DSS 30 V
R DS(on) < 0.012
ID 60 A
TYPICAL RDS(on) = 0.009 AVALANCE RUGGED TECHNOLOGY 100% AVALANCHE TESTED REPETITIVE AVALANCHE DATA AT 100 oC LOW GATE CHARGE HIGH CURRENT CAPABILITY 175 oC OPERATING TEMPERATURE APPLICATION ORIENTED CHARACTERIZATION TO-220
3 1 2
DESCRIPTION This Power MOSFET is the latest development of STMicroelectronics unique "Single Feature SizeTM" strip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SOLENOID AND RELAY DRIVERS s DC-DC & DC-AC CONVERTERS s AUTOMOTIVE ENVIRONMENT
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DS V DGR V GS ID ID I DM (*) P tot dv/dt Ts tg Tj Parameter Drain-source Voltage (VGS = 0) Drain- gate Voltage (R GS = 20 k) G ate-source Voltage Drain Current (continuous) at Tc = 25 C Drain Current (continuous) at Tc = 100 C Drain Current (pulsed) T otal Dissipation at Tc = 25 C Derating Factor Peak Diode Recovery voltage slope Storage Temperature Max. Operating Junction Temperature
o o o
Value 30 30 20 60 42 240 100 0.67 5.5 -65 to 175 175
( 1) ISD 60 A, di/dt 450 A/s, VDD V(BR)DSS, Tj TJMAX
Un it V V V A A A W W /o C V/ns
o o
C C 1/8
(*) Pulse width limited by safe operating area
February 1999
STP60NE03L-12
THERMAL DATA
R thj -case
Rthj -amb
R thc-sink Tl
Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature F or Soldering Purpose
1.5 62.5 0.5 300
C/W oC/W o C/W o C
o
AVALANCHE CHARACTERISTICS
Symbo l IAR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 o C, ID = IAR , V DD = 15 V) Max Value 60 250 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbo l V (BR)DSS I DSS IGSS Parameter Drain-source Breakdown Voltage Test Con ditions I D = 250 A V GS = 0 Min. 30 1 10 100 Typ. Max. Unit V A A nA
V DS = Max Rating Zero Gate Voltage Drain Current (V GS = 0) V DS = Max Rating Gate-body Leakage Current (VDS = 0) V GS = 20 V
T c = 125 oC
ON ()
Symbo l V GS(th) R DS(on) I D(o n) Parameter Gate Threshold Voltage V DS = V GS Static Drain-source On Resistance On State Drain Current V GS = 10V V GS = 5V Test Con ditions ID = 250 A ID = 30 A ID = 30 A 60 Min. 1 Typ. 1.7 0.009 Max. 2.5 0.012 0.018 Unit V A
V DS > ID(o n) x R DS(on )ma x V GS = 10 V
DYNAMIC
Symbo l g f s () C iss C os s C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Con ditions V DS > ID(o n) x R DS(on )ma x V DS = 25 V f = 1 MHz I D =30 A V GS = 0 Min. 20 Typ. 30 2200 570 200 Max. Unit S pF pF pF
2/8
STP60NE03L-12
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbo l t d(on) tr Qg Q gs Q gd Parameter Turn-on Delay T ime Rise Time Total G ate Charge Gate-Source Charge Gate-Drain Charge Test Con ditions V DD = 15 V I D = 30 A R G = 4.7 V GS = 5 V (Resistive Load, see fig. 3) V DD = 24 V ID = 60 A V GS = 5 V Min. Typ. 40 260 35 18 13 45 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbo l t d(of f) tf tr (Voff) tf tc Parameter Turn-off Delay T ime Fall T ime Off-voltage Rise T ime Fall T ime Cross-over Time Test Con ditions V DD = 15 V I D = 30 A V GS = 5 V R G = 4.7 (Resistive Load, see fig. 3) V DD = 24 V I D = 60 A V GS = 15 V R G = 4.7 (Induct ive Load, see fig. 5) Min. Typ. 75 50 35 120 175 Max. Unit ns ns ns ns ns
SOURCE DRAIN DIODE
Symbo l ISD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 60 A V GS = 0 55 0.1 3.5 I SD = 60 A di/dt = 100 A/s T j = 150 o C V DD = 15 V (see test circuit, fig. 5) Test Con ditions Min. Typ. Max. 60 240 1.5 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
Safe Operating Area
Thermal Impedance
3/8
STP60NE03L-12
Output Characteristics Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/8
STP60NE03L-12
Normalized Gate Threshold Voltage vs Temperature Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
5/8
STP60NE03L-12
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/8
STP60NE03L-12
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147
E
mm TYP. MAX. 4.60 1.32 2.72 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 MIN. 0.173 0.048 0.094 4.40 1.23 2.40
inch TYP. MAX. 0.181 0.051 0.107 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 0.645 0.551 0.116 0.620 0.260 0.154 0.151
A
C
D1
L2 F1
D
G1
Dia. F2 F
L5 L7 L6
L9
L4
G
H2
P011C
7/8
STP60NE03L-12
Information furnished is believed to be accurate and reliable. However, STMicroelect onics assumes no responsibil ity for the consequences r of use of such information nor for any infringement of patents or other rights of third partes which may result from its use. No license is i granted by implication or otherwise under any patent or patent rights of STMicroelectro nics. Specific ation mentioned in this publication are subjec t to change without notice. This publication supersedes and replaces all informaton previously supplied. STMicroelectronics products i are not authorized for use as critical components in life support devices or systems with express written approval of STMicroelectronics. out The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysi - Malta - Mexico - Morocco - The Netherlands a Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
8/8
http://www.st.com .


▲Up To Search▲   

 
Price & Availability of STP60NE03L-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X